PART |
Description |
Maker |
MFU0603FF01250P100 MFU1206FF00500P100 MFU1206FF006 |
Electric Fuse, VERY FAST BLOW ELECTRIC FUSE, 1.25A, 32VDC, 50A (IR), SURFACE MOUNT, HALOGEN FREE AND ROHS COMPLIANT Electric Fuse, VERY FAST BLOW ELECTRIC FUSE, 0.5A, 63VDC, 50A (IR), SURFACE MOUNT, HALOGEN FREE AND ROHS COMPLIANT Electric Fuse, VERY FAST BLOW ELECTRIC FUSE, 0.63A, 63VDC, 50A (IR), SURFACE MOUNT, HALOGEN FREE AND ROHS COMPLIANT Electric Fuse, VERY FAST BLOW ELECTRIC FUSE, 0.75A, 63VDC, 50A (IR), SURFACE MOUNT, HALOGEN FREE AND ROHS COMPLIANT MFU Series Thin Film Chip Fuses Electric Fuse, VERY FAST BLOW ELECTRIC FUSE, 1.25A, 63VDC, 50A (IR), SURFACE MOUNT, HALOGEN FREE AND ROHS COMPLIANT Thin Film Chip Fuses
|
Vishay Beyschlag Vishay Siliconix
|
0251012.VRL 0253.375MRT3L |
VERY FAST BLOW ELECTRIC FUSE, 12A, 32VAC, 32VDC, 50A (IR), THROUGH HOLE VERY FAST BLOW ELECTRIC FUSE, 0.375A, 125VAC, 125VDC, 50A (IR), THROUGH HOLE
|
|
BK/S500-3.15-R BK/S500-1.6-R BK/S500-250-R S500-10 |
FUSE 3.15A 250V FAST GLASS S500 FAST BLOW ELECTRIC FUSE, 3.15A, 250VAC, 35A (IR), INLINE/HOLDER FUSE 1.6A 250V FAST GLASS S500 FAST BLOW ELECTRIC FUSE, 1.6A, 250VAC, 35A (IR), INLINE/HOLDER FUSE 250MA 250V FAST GLASS S500 FAST BLOW ELECTRIC FUSE, 0.25A, 250VAC, 35A (IR), INLINE/HOLDER FUSE 10 FAST BLOW ELECTRIC FUSE, 10
|
Cooper Bussmann, Inc.
|
FCC32162ADB FCC16401ABTP FCC16631ABB FCC20631ADB F |
FAST BLOW ELECTRIC FUSE, 1.6A, 50VDC, 50A (IR), SURFACE MOUNT FAST BLOW ELECTRIC FUSE, 0.4A, 32VDC, 35A (IR), SURFACE MOUNT FAST BLOW ELECTRIC FUSE, 0.63A, 32VDC, 35A (IR), SURFACE MOUNT FAST BLOW ELECTRIC FUSE, 0.63A, 50VDC, 50A (IR), SURFACE MOUNT FAST BLOW ELECTRIC FUSE, 1A, 24VDC, 35A (IR), SURFACE MOUNT FAST BLOW ELECTRIC FUSE, 1.25A, 32VDC, 35A (IR), SURFACE MOUNT FAST BLOW ELECTRIC FUSE, 0.25A, 32VDC, 35A (IR), SURFACE MOUNT FAST BLOW ELECTRIC FUSE, 0.5A, 32VDC, 35A (IR), SURFACE MOUNT FAST BLOW ELECTRIC FUSE, 1.5A, 50VDC, 50A (IR), SURFACE MOUNT FAST BLOW ELECTRIC FUSE, 1.25A, 50VDC, 50A (IR), SURFACE MOUNT FAST BLOW ELECTRIC FUSE, 2.5A, 50VDC, 50A (IR), SURFACE MOUNT FAST BLOW ELECTRIC FUSE, 0.5A, 50VDC, 50A (IR), SURFACE MOUNT FAST BLOW ELECTRIC FUSE, 0.2A, 32VDC, 35A (IR), SURFACE MOUNT FAST BLOW ELECTRIC FUSE, 2A, 32VDC, 35A (IR), SURFACE MOUNT FAST BLOW ELECTRIC FUSE, 0.5A, 24VDC, 35A (IR), SURFACE MOUNT
|
|
5MF8-R 5MFP8-R 5MF1.5-R 5MFP4-R 5MFP300-R 5MFP125- |
Fuses, RoHS 8A 125V F UL GLASS 5X20 FAST BLOW ELECTRIC FUSE, 8A, 125VAC, 10000A (IR), INLINE/HOLDER Fuses, RoHS 8A 125V F UL GLASS LEAD FAST BLOW ELECTRIC FUSE, 8A, 125VAC, 10000A (IR), THROUGH HOLE Fuses, RoHS 1.5A 250V F UL GLASS 5X20 FAST BLOW ELECTRIC FUSE, 1.5A, 250VAC, 200A (IR), INLINE/HOLDER Fuses, RoHS 4A 125V F UL GLASS LEAD FAST BLOW ELECTRIC FUSE, 4A, 125VAC, 10000A (IR), THROUGH HOLE Fuses, RoHS 300mA 250V F UL GLASS LEAD FAST BLOW ELECTRIC FUSE, 0.3A, 250VAC, 200A (IR), THROUGH HOLE Fuses, RoHS 125mA 250V F UL GLASS LEAD FAST BLOW ELECTRIC FUSE, 0.125A, 250VAC, 200A (IR), THROUGH HOLE FAST BLOW ELECTRIC FUSE, 0.4A, 250VAC, 200A (IR), THROUGH HOLE Fuses, RoHS 3.5A 125V F UL GLASS LEAD
|
Bel Fuse, Inc. BEL FUSE INC
|
AGC-V-5 AGC-V-8 AGC-V-1/2 AGC-V-10 |
Cartridge Fuse; Fuse Type:Fast Acting; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Series:AGC-V RoHS Compliant: No FAST BLOW ELECTRIC FUSE, 5A, 250VAC, 200A (IR), THROUGH HOLE Cartridge Fuse; Fuse Type:Fast Acting; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Series:AGC-V RoHS Compliant: No FAST BLOW ELECTRIC FUSE, 8A, 250VAC, 200A (IR), THROUGH HOLE FAST BLOW ELECTRIC FUSE, 0.5A, 250VAC, 35A (IR), THROUGH HOLE
|
Cooper Bussmann, Inc. COOPER INDUSTRIES
|
FLQ8_10 FLQ FLQ1_10 FLQ1_2 FLQ1_4 FLQ1_8 FLQ10 FLQ |
SLOW BLOW ELECTRIC FUSE, 1.5A, 500VAC, 10000A (IR), INLINE/HOLDER Axial Lead and Cartridge Fuses - Midget TNPW, 0603, 23.2 kOhm, 0.1%, 25 ppm Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:16; No. Strands x Strand Size:19 x 29; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:33pF/ft; Conductor Material:Copper RoHS Compliant: Yes COMPUTER ACCESSORY CONNECTOR ACCESSORY SLOW BLOW ELECTRIC FUSE, 10A, 500VAC, 10000A (IR), INLINE/HOLDER SLOW BLOW ELECTRIC FUSE, 7A, 500VAC, 10000A (IR), INLINE/HOLDER SLOW BLOW ELECTRIC FUSE, 3.2A, 500VAC, 10000A (IR), INLINE/HOLDER
|
LITTELFUSE[Littelfuse] Littelfuse, Inc.
|
TR/3216FF1-R |
FUSE 1A 63V FAST SMD 1206 FAST BLOW ELECTRIC FUSE, 1A, 32VAC, 63VDC, 50A (IR), SURFACE MOUNT
|
Cooper Bussmann, Inc.
|
TR2/1025FA5-R TR2/1025FA3.5-R |
FAST BLOW ELECTRIC FUSE, 5A, 250VAC, 125VDC, 50A (IR), SURFACE MOUNT FAST BLOW ELECTRIC FUSE, 3.5A, 250VAC, 125VDC, 50A (IR), SURFACE MOUNT Brick?Fuses 1025FA Series, Fast-Acting
|
COOPER INDUSTRIES Cooper Bussmann, Inc.
|
TR2/6125FA5A TR2/6125FA2A TR2/6125FA10A TR2/6125FA |
FUSE BRICK 5A 125V FAST 6125FA FAST BLOW ELECTRIC FUSE, 5A, 125VAC, 125VDC, 50A (IR), SURFACE MOUNT FUSE BRICK 2A 125V FAST 6125FA FAST BLOW ELECTRIC FUSE, 2A, 125VAC, 125VDC, 50A (IR), SURFACE MOUNT FUSE BRICK 10A 125V FAST 6125FA FAST BLOW ELECTRIC FUSE, 3.5A, 125VAC, 125VDC, 50A (IR), SURFACE MOUNT
|
Cooper Bussmann, Inc. COOPER INDUSTRIES
|
MQ1.5 MQ10 |
Quick Acting Micro Fuse VERY FAST BLOW ELECTRIC FUSE, 1.5A, 125VAC, 125VDC, 50A (IR), THROUGH HOLE Quick Acting Micro Fuse VERY FAST BLOW ELECTRIC FUSE, 10A, 125VAC, 125VDC, 50A (IR), THROUGH HOLE
|
Bel Fuse, Inc.
|
|